PART |
Description |
Maker |
MAX5883EGMTD |
3.3V, 12-Bit, 200Msps High Dynamic Performance DAC with CMOS Inputs PARALLEL, WORD INPUT LOADING, 0.011 us SETTLING TIME, 12-BIT DAC, QCC48
|
Maxim Integrated Products, Inc.
|
ISLA214P50 ISLA216P25 ISLA216P20 ISLA212P25 ISLA21 |
16-Bit, 250MSPS/200MSPS/130MSPS ADC
|
Intersil Corporation
|
ISLA214IR72EV1Z |
14-Bit, 250MSPS/200MSPS/130MSPS ADC
|
Renesas Electronics Corporation
|
HYB514400BJ-BT60 Q67100-Q749 Q67100-Q750 Q67100-Q7 |
1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM 1M X 4 FAST PAGE DRAM, 70 ns, PDSO20 1M x 4-Bit Dynamic RAM Low Power 1M x 4-Bit Dynamic RAM 1M X 4 FAST PAGE DRAM, 80 ns, PDSO20 RES 121-OHM 1% 0.063W 200PPM THICK-FILM SMD-0402 5K/REEL-7IN-PA
|
SIEMENS AG Siemens Semiconductor G...
|
Q67100-Q1135 Q67100-Q1136 Q67100-Q1143 Q67100-Q112 |
3.3V 4M x 4-Bit EDO-Dynamic RAM 3.3 4米4位江户动态随机存储器 High-Speed Fully-Differential Amplifiers 8-SOIC -40 to 85 4M X 4 EDO DRAM, 70 ns, PDSO24 3.3V 4M x 4-Bit EDO-Dynamic RAM 4M X 4 EDO DRAM, 50 ns, PDSO24 3.3V 4M x 4-Bit EDO-Dynamic RAM 4M X 4 EDO DRAM, 70 ns, PDSO24
|
http:// SIEMENS A G SIEMENS AG
|
HYB3116405BT-50 HYB5117405BJ-50 HYB3117405BJ-50 HY |
RES 100K-OHM 1% 0.063W 200PPM THICK-FILM SMD-0402 10K/REEL-7IN-PA 4M X 4 EDO DRAM, 60 ns, PDSO24 High-Speed Fully-Differential Amplifiers 8-SOIC 0 to 70 4M X 4 EDO DRAM, 60 ns, PDSO24 4M×4-Bit Dynamic RAM(2k-Refresh,Hyper Page Mode - EDO)(4M×4动RAM (2K刷新,超级页面EDO)) 4M×4-Bit Dynamic RAM(4k-Refresh,Hyper Page Mode - EDO)(4M×4动RAM (4K刷新,超级页面EDO)) 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
SIEMENS AG http:// Siemens Semiconductor Group
|
HYB514405BJL HYB514405BJ-60 Q67100-Q2116 |
1M x 4-Bit Dynamic RAM(1M x 4-位动RAM (超级页面EDO模式)) RES 1.3K-OHM 1% 0.063W 200PPM THICK-FILM SMD-0402 5K/REEL-7IN-PA 1M X 4 EDO DRAM, 60 ns, PDSO20 1M x 4-Bit Dynamic RAM 100万4位动态随机存储器
|
SIEMENS AG
|
GM71C17400 GM71C17400CJ GM71CS17400CL GM71C17400CL |
4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4,194,304 words x 4 bit CMOS dynamic RAM, 60ns 4M X 4 FAST PAGE DRAM, 50 ns, PDSO24 x4 Fast Page Mode DRAM 4M X 4 FAST PAGE DRAM, 60 ns, PDSO24 4Mx4|5V|2K|5/6/7|FP/EDO DRAM - 16M IC REG LDO 1A 12V SHDN TO220FP-5 null4/194/304 WORDS x 4 BIT CMOS DYNAMIC RAM null4,194,304 WORDS x 4 BIT CMOS DYNAMIC RAM 4,194,304 words x 4 bit CMOS dynamic RAM, 50ns 4,194,304 words x 4 bit CMOS dynamic RAM, 70ns
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc. HYNIX[Hynix Semiconductor]
|
Q67100-Q527 Q67100-Q1056 Q67100-Q519 Q67100-Q518 Q |
1 M x 1-Bit Dynamic RAM Low Power 1 M 1-Bit Dynamic RAM 1个M × 1位动态随机存储器的低功个M位动态随机存储器 1 M x 1-Bit Dynamic RAM Low Power 1 M 1-Bit Dynamic RAM 1 M x 1-Bit Dynamic RAM Low Power 1 M ′ 1-Bit Dynamic RAM
|
SIEMENS AG Siemens Semiconductor Group
|
THM321020S-10 THM321020S-80 THM321020SG-10 THM3210 |
Chip-on-Glass (COG) Technology, 16 Characters x 2 Lines 1048576 WORDS x 32 BIT DYNAMIC RAM MODULE 1,048,576 WORDS x 32 BIT DYNAMIC RAM MODULE 1/048/576 WORDS x 32 BIT DYNAMIC RAM MODULE
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
THM361020S-10 THM361020S-80 THM361020SG-10 THM3610 |
Chip-on-Glass (COG) Technology, 16 Characters x 2 Lines 1048576 WORDS x 36 BIT DYNAMIC RAM MODULE 1,048,576 WORDS x 36 BIT DYNAMIC RAM MODULE 1/048/576 WORDS x 36 BIT DYNAMIC RAM MODULE
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
HYB5117800BSJ-60 HYB5117800BSJ-50 HYB5117800-60 HY |
2M x 8 Bit 2k 5 V 60 ns FPM DRAM 2M x 8 Bit 2k 3.3 V 60 ns FPM DRAM 2M x 8 Bit 2k 3.3 V 50 ns FPM DRAM 2M x 8 - Bit Dynamic RAM 2k Refresh (Fast Page Mode) 2M x 8-Bit Dynamic RAM From old datasheet system
|
Infineon SIEMENS[Siemens Semiconductor Group]
|